Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33596_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
MCU Interface
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
9
In direct access, the user programs direct all three frequency registers.
9
MCU Interface
The MC33596 and the MCU communicate via a serial peripheral interface (SPI). According to the selected
mode, the MC33596 or the MCU manages the data transfer. The MC33596’s digital interface can be used
as a standard SPI (master/slave) or as a simple interface (SPI deselected). In the following case, the
interface’s pins are used as standard I/O pins. However, the MCU has the highest priority, as it can control
the MC33596 by setting CONFB pin to the low level. During an SPI access, the STROBE pin must remain
at high level to prevent the MC33596 from entering standby mode.
The interface is operated by six I/O pins.
CONFB — Configuration control input
The configuration mode is reached by setting CONFB to low level.
STROBE — Wakeup control input
The STROBE pin controls the ON/OFF sequence of the MC33596. When STROBE is set to low
level, the receiver is off—when STROBE is set to high level, the receiver is on. The current
consumption in receive mode can be reduced by strobing the receiver. The periodic wakeup can be
done by MCU only or by an internal oscillator thanks to an external capacitor (strobe oscillator
must be previously enabled by setting SOE bit to 1). Refer to Section 11.3, “Receiver On/Off
Control,” for more details.
SEB — Serial interface enable control input
When SEB is set high, pins SCLK, MOSI, and MISO are set to high impedance, and the SPI bus
is disabled. When SEB is set low, SPI bus is enabled. This allows individual selection in a multiple
device system, where all devices are connected via the same bus. The rest of the circuit remains in
the current state, enabling fast recovery times.
If the MCU shares the SPI access with the MC33596 only, SEB control by the MCU is optional.
If not used, it could be hardwired to 0.
SCLK — Serial clock input/output
Synchronizes data movement in and out of the device through its MOSI and MISO lines. The
master and slave devices can exchange a byte of information during a sequence of eight clock
cycles. Since SCLK is generated by the master device, this line is an input on the slave device.
MOSI — Master output slave input/output
In configuration mode, MOSI is an input.
In receive mode, MOSI is an output. Received data is sent on MOSI (see Table 5).
When no data are output, SCLK and MOSI force a low level.
MISO — Master input/slave output
In configuration mode only, data read from registers is sent to the MCU with the MSB first. There
is no master function. Data are valid on falling edges of SCLK. This means that the clock phase
and polarity control bits of the microcontroller SPI have to be CPOL = 0 and CPHA = 1 (using
Freescale acronyms).
Table 5 summarizes the serial digital interface feature versus the selected mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn