Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MC33596_09 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Application Schematics
Freescale Semiconductor
60
20.1.3 Receiver Schematics in 5 V Operation—MCU Controls
Wakeup
Figure 45. MC33596 Application Schematic (5 V)
The ON/OFF sequencing in receive mode is controlled by driving a low or high level by the MCU on
STROBE pin.
GND
34
C11
100nF
R3
10k
VCC
R2
10k
VCC
VCC
R5
10k
U18
MC33596
RSSIOUT
1
VCC2RF
2
RFIN
3
GNDLNA
4
VCC2VCO
5
GND
6
GNDDIG
17
RSSIC
18
DATACLK
19
CONFB
20
MISO
21
MOSI
22
SCLK
23
SEB
24
NC
7
GND
8
VCC2
SW ITCH
VCC2
C9
100nF
C10
100nF
C12
100pF
X8
C8
100nF
R1
470k 1%
C6
6.8pF
25
24
C7
1nF
27
29
26
28
31
30
32
33
CONFB
MOSI
SEB
SCLK
STROBE
DATACLK
RSSIOUT
RSSIC
MISO
5V
VCC2
VCC2
C5
100pF
L1
C4
C3
C1
100nF
C2 1nF
GND
34
C11
100nF
R3
10k
VCC
R2
10k
VCC
VCC
R5
10k
U18
MC33596
RSSIOUT
1
VCC2RF
2
RFIN
3
GNDLNA
4
VCC2VCO
5
GND
6
GNDDIG
17
RSSIC
18
DATACLK
19
CONFB
20
MISO
21
MOSI
22
SCLK
23
SEB
24
NC
7
GND
8
VCC2
SW ITCH
VCC2
C9
100nF
C10
100nF
C12
100pF
X8
C8
100nF
R1
470k 1%
C6
6.8pF
25
24
C7
1nF
27
29
26
28
31
30
32
33
CONFB
MOSI
SEB
SCLK
STROBE
DATACLK
RSSIOUT
RSSIC
MISO
5V
VCC2
VCC2
C5
100pF
L1
C4
C3
C1
100nF
C2 1nF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn