Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Application Schematics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
59
20.1.2 Receiver Schematics in 3V Operation—Strobe Oscillator
Mode
Figure 44. MC33596 Application Schematic in Strobe mode (3 V)
The ON/OFF sequencing in receive mode is controlled internally. The STROBE pin from the MCU has to
be configured in high impedance and wakeup mode is available when SOE bit is enabled.
VCC
SW ITCH
VCC2
VCC2
C9
100nF
C10
100nF
C12
100pF
C13
1nF
X4
C8
100nF
R1
470k 1%
C6
6.8pF
C7
1nF
CONFB
MOSI
SEB
RSSIOUT
SCLK
STROBE
MISO
DATACLK
3V
RSSIC
VCC2
VCC2
C5
100pF
L1
C4
C3
C1
100nF
C2 1nF
GND
C11
100nF
R3
10k
VCC
R2
10k
VCC
U18
MC33596
RSSIOUT
1
VCC2RF
2
RFIN
3
GNDLNA
4
VCC2VCO
5
GND
6
GNDDIG
17
RSSIC
18
DATACLK
19
CONFB
20
MISO
21
MOSI
22
SCLK
23
SEB
24
NC
7
GND
8
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn