Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33596 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
55
19.6 Digital Input: CONFB, MOSI, SCLK, SEB, STROBE,
RSSIC
19.7 Digital Output
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
7.7
Input low voltage
MOSI, SCLK, SEB, RSSIC(1)
NOTES:
1
Input levels of those pins are referenced to VCC2 which depends upon VCC (see Section 5, “Power Supply”).
0.4 x VCC2
V
7.8
Input high voltage
0.8 x VCC2
——
V
7.9
Input hysteresis
0.1 x VCC2
——
V
7.10 Input low voltage
CONFB, STROBE2
2
Input levels of those pins are referenced to VCCDIG2 which depends upon the circuit state (see Section 5, “Power Supply”).
0.4 x VCCDIG2
V
7.11 Input high voltage
0.8 x VCCDIG2
——
V
7.12 Input hysteresis
0.1 x VCCDIG2
——
V
7.5
Sink current
Configuration, receive, modes
1
100
nA
7.6
standby or LVD modes
0.5
10
nA
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
Digital Output: DATACLK, LVD, MISO, MOSI, SCLK
8.1
Output low voltage
|ILOAD| =50 μA
0.2 x VCCIO
V
8.2
Output high voltage
0.8 x VCCIO
——
V
8.3
Fall and rise time
From 10% to 90% of the
output swing,
CLOAD = 10pF
—80
150
ns
Digital Output: SWITCH (VCC = 3V)
8.4
Output low voltage
|ILOAD| =50 μA
0.2 x VCC
V
8.5
Output high voltage
0.8 x VCC
——
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn