Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
54
Examples of crystal characteristics are given in Table 22.
19.5 Strobe Oscillator (SOE = 1)
Table 22. Typical Crystal Reference and Characteristics
Parameter
Reference & Type
Unit
315 MHz
434 MHz
868 MHz
LN-G102-1183
NX5032GA
NDK
LN-G102-1182
NX5032GA
NDK
EXS00A-01654
NX5032GA
NDK
Frequency
17.5814
24.19066
24.16139
MHz
Load capacitance
8
8
8
pF
ESR
25
15
<70
Ω
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46,), unless otherwise specified. Typical values reflect average measurement at VCC
= 3.0 V, TA =25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
6.1
Period range
TStrobe =10
6.C3
0.1
ms
6.2
External capacitor C3
0.1
10
nF
6.3
Sourced/sink current
With 1% resistor R13
1
μA
6.4
High threshold voltage
1
V
6.5
Low threshold voltage
0.5
V
6.6
Overall timing accuracy
With 1% resistor R13 & 5%
capacitor C3,
±3 sigma variations
–14.2
15.8
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn