Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
53
19.4 PLL & Crystal Oscillator
Receiver: Analog and Digital RSSI
3.51
Analog RSSI output signal for
Input signal @–108 dBm
Measured on RSSIOUT
380
650
mV
3.52 Analog RSSI output signal for
Input signal @–100 dBm
420
700
mV
3.53 Analog RSSI output signal for
Input signal @–70 dBm
850
1200
mV
3.54 Analog RSSI output signal for
Input signal @–28 dBm
1000
1300
mV
3.55 Digital RSSI Registers for Input
signal @–108 dBm
RSSI [0:3]
0
2
3.56 Digital RSSI Registers for Input
signal @–100 dBm
0—
3
3.57 Digital RSSI Registers for Input
signal @–70 dBm
9—
13
3.58 Digital RSSI Registers for Input
signal @–28 dBm
13
16
3.59 Digital RSSI Registers for Input
signal @–70 dBm
RSSI [4:7]
0
2
3.6 Digital RSSI Registers for Input
signal @–50 dBm
4—
8
3.61 Digital RSSI Registers for Input
signal @–24 dBm
13
15
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at
VCC = 3.0 V, TA =25 °C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
5.9
PLL lock time
RF frequency
±25kHz
50
100
μs
5.1
Toggle time between 2
frequencies
RF frequency step <1.5MHz,
RF frequency
±25kHz
—30—
μs
5.10 Crystal oscillator startup time
0.6
1.2
ms
5.8
Crystal series resistance
120
Ω
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematics Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC = 3.0
V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn