Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
52
Figure 40. FSK Sensitivity Variation Versus Frequency Deviation
19.3 Receiver Parameters
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematics Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC = 3.0
V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
Receiver: IF filter, IF Amplifier, FM-to-AM Converter and Envelope Detector
3.1 IF center frequency
Refer to Section 8, “Frequency
Planning”.
—1.5
MHz
3.2 IF bandwidth at –3dB
380
kHz
3.3 IF cut-off low frequency at –3 dB
1.387
MHz
3.4 IF cut-off high frequency at –3 dB
1.635
MHz
3.12 Recovery time from strong signal OOK modulation, 2.4 kbps,
FAGC = 0, input signal from
–50 dBm to –100 dBm
—15—
ms
Sensitivity Variation Versus Frequency Deviation
(Ref : 25°C, 3V, 434MHz, FSK +/-64kHz, 4800bps)
-1,0
-0,5
0,0
0,5
1,0
1,5
2,0
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
Frequency Deviation (kHz)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn