Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
50
Figure 37. FSK Sensitivity Variation Versus Voltage
Figure 38. OOK Sensitivity Variation Versus Data Rate
FSK Sensitivity Variation vs Voltage
(Ref : 3V, 25°C, +/-64kHz, 4800bps )
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
2.1 V
2.4 V
3 V
3.6 V
Voltage (V)
315 MHz
434 MHz
868 MHz
916 MHz
Sensitivity Variation Versus Data Rate
(Ref : 25°C, 3V, 434MHz , OOK, 4800bps)
-3
-2
-1
0
1
2
3
4
5
2400
4800
9600
19200
Data Rate (bps)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn