Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Maximum Ratings
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
5
4
Maximum Ratings
Table 2. Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage on pin: VCCIN
VCCIN
VGND–0.3 to 5.5
V
Supply voltage on pins: VCCINOUT, VCCDIG
VCC
VGND–0.3 to 3.6
V
Supply voltage on pins: VCC2IN, VCC2RF, VCC2VCO
VCC2
VGND–0.3 to 2.7
V
Voltage allowed on each pin (except digital pins)
VGND–0.3 to VCC2
V
Voltage allowed on digital pins: SEB, SCLK, MISO, MOSI, CONFB,
DATACLK, RSSIC, STROBE
VCCIO
VGND–0.3 to VCC+0.3
V
ESD HBM voltage capability on each pin1
NOTES:
1
Human body model, AEC-Q100-002 rev. C.
±2000
V
ESD MM voltage capability on each pin2
2
Machine model, AEC-Q100-003 rev. C.
±200
V
Solder heat resistance test (10 s)
260
°C
Storage temperature
TS
–65 to +150
°C
Junction temperature
TJ
150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn