Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MC33596_09 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
49
Figure 35. OOK Sensitivity Variation Versus Voltage
Figure 36. FSK Sensitivity Variation Versus Temperature
OOK Sensitivity Variation vs Voltage
(Ref : 3V, 25°C, 4800bps)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
2.1 V
2.4 V
3 V
3.6 V
Voltage (V)
315 MHz
434 MHz
868 MHz
916 MHz
FSK Sensitivity Variation vs Temperature
(Ref : 3V, 25°C, +/-64kHz, 4800 bps )
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40°C
25°C
85°C
Temperature (°C)
315 MHz
434 MHz
868 MHz
916 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn