Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
48
Figure 34. OOK Sensitivity Variation Versus Temperature
2.17 Maximum detectable signal,
OOK
Modulation depth: 99%,
level measured on a NRZ ‘1’
–25
dBm
2.25 Maximum detectable signal,
FSK
ΔF
carrier = ±64kHz
-10
dBm
2.18 Image frequency rejection
304–434 MHz
20
36
dB
2.19
868–915 MHz
15
20
dB
NOTES:
1
See Table 10 for additional information.
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)
OOK Sensitivity Variation vs Temperature
(Ref : 3V, 25°C, 4800bps)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40°C
25°C
85°C
Temperature (°C)
315 MHz
434 MHz
868 MHz
916 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn