Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33596 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
Electrical Characteristics
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
47
2.42 OOK sensitivity at 916 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–103
–98
–96
dBm
2.24 FSK sensitivity at 315 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–106.5
–102
–100
dBm
2.50 FSK sensitivity at 434 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–105.5
–101
–99
dBm
2.51 FSK sensitivity at 868 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–104.5
–100
–98
dBm
2.52 FSK sensitivity at 916 MHz
DME = 1, DSREF = 1,
DR = 4.8 kbps,
DFcarrier = ±64 kHz, PER = 0.1
–105.4
–102
–100
dBm
2.35 Sensitivity improvement in
RAW mode
DME = 0
0.6
dB
2.36 Duty Cycle for Manchester
coded data
47
53
53
%
2.37 Data Rate1
2
22.6
22.6
kbps
2.38 FSK deviation range
32
64
170
170
kHz
2.5
Sensitivity reduction
ILA[1:0] = 00
0
dB
2.6
ILA[1:0] = 01
8
dB
2.7
ILA[1:0] = 10
16
dB
2.8
ILA[1:0] = 11
30
dB
2.9
In-band jammer
desensitization
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/OOK
—–4—
dBc
2.60
Sensitivity reduced by 3 dB CW
jammer at Fcarrier ± 50 kHz/FSK
—–6—
dBc
2.11 Out-of-band jammer
desensitization
Sensitivity reduced by 3dB
CW jammer at Fcarrier ±1MHz
—37—
dBc
2.12
Sensitivity reduced by 3dB
CW jammer at Fcarrier ± 2MHz
—40—
dBc
2.13 RFIN parallel resistance
Receive mode
300
Ω
2.14 RFIN parallel resistance
Standby mode
1300
Ω
2.15 RFIN parallel capacitance
Receive mode
1.2
pF
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn