Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
19
Electrical Characteristics
19.1 General Parameters
19.2 Receiver: RF Parameters
RF parameters assume a matching network between test equipment and the D.U.T, and apply to all bands
unless otherwise specified.
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
1.2
Supply current in receive mode
Receiver on
10.3
13
mA
1.3
Strobe oscillator only
24
50
μA
1.6
Supply current in standby mode –40
°C ≤ T
A ≤ 25°C
260
700
nA
1.8
TA = 85°C
800
1200
nA
1.9
Supply current in LVD mode
LVDE = 1
35
50
μA
1.12 Receiver on-to-off time
Supply current reduced to 10%
100
μs
1.13 VCC2 voltage regulator output
2.7 V
< V
CC
2.4
2.6
2.8
V
1.14
2.1 V
≤ V
CC ≤ 2.7 V
VCC–0.1
V
1.15 VCCDIG2 voltage regulator
output
Circuit in standby mode
(VCCDIG = 3 V)
0.7 x
VCCDIG
—V
1.16
Circuit in all other modes
1.4
1.6
1.8
V
1.19 Voltage on VCC (Preregulator
output)
Receive mode with VCCIN=5V
2.4
V
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematic (see Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC =
3.0 V, TA =25°C.
Parameter
Test Conditions,
Comments
Limits
Unit
Min
Typ
Max
(FCE,
FJE)
Max
(FCAE,
FJAE)
2.2
OOK sensitivity at 315 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–104
–99
–97
dBm
2.40 OOK sensitivity at 434 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–103.5
–98
–96
dBm
2.41 OOK sensitivity at 868 MHz DME = 1, DSREF = 1,
DR = 4.8 kbps, PER = 0.1
–103
–98
–96
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn