Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
06h FT1-A
700701 h
13h FT1-B
700701 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTA11
FTA10
FTA9
FTA8
FTA7
FTA6
FTA5
FTA4
Bit Name
FTA11
FTA10
FTA9
FTA8
FTA7
FTA6
FTA5
FTA4
Reset Value
0
1
1
1
0
0
0
0Reset Value
0
1
1
1
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
07h FT2-A
7 h
14h FT2-B
7 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTA3
FTA2
FTA1
FTA0
FTB11
FTB10
FTB9
FTB8
Bit Name
FTA3
FTA2
FTA1
FTA0
FTB11
FTB10
FTB9
FTB8
Reset Value
0
0
0
0
0
1
1
1Reset Value
0
0
0
0
0
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
08h FT3-A
1 h
15h FT3-B
1 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
FTB7
FTB6
FTB5
FTB4
FTB3
FTB2
FTB1
FTB0
Bit Name
FTB7
FTB6
FTB5
FTB4
FTB3
FTB2
FTB1
FTB0
Reset Value
0
0
0
0
0
0
0
1Reset Value
0
0
0
0
0
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
09h RXONOFF-A
75 h
16h RXONOFF-B
75 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
BANKA
RON3RON2RON1RON0
ROFF2
ROFF1
ROFF0
Bit Name
BANKB
RON3
RON2
RON1
RON0
ROFF2
ROFF1
ROFF0
Reset Value
0
1
1
1
1
1
1
1Reset Value
0
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Ah ID-A
C0 h
17h ID-B
C0 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
IDL1
IDL0
ID5
ID4
ID3
ID2
ID1
ID0
Bit Name
IDL1
IDL0
ID5
ID4
ID3
ID2
ID1
ID0
Reset Value
1
1
0
0
0
0
0
0Reset Value
1
1
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Bh HEADER-A
80 h
18h HEADER-B
80 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
HDL1
HDL0
HD5
HD4
HD3
HD2
HD1
HD0
Bit Name
HDL1
HDL0
HD5
HD4
HD3
HD2
HD1
HD0
Reset Value
1
0
0
0
0
0
0
0Reset Value
1
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Ch RSSI-A
80 h
19h RSSI-B
80 h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
RSSI7
RSSI6
RSSI5
RSSI4
RSSI3
RSSI2
RSSI1
RSSI0
Bit Name
RSSI7
RSSI6
RSSI5
RSSI4
RSSI3
RSSI2
RSSI1
RSSI0
Reset Value
0
0
0
0
0
0
0
0Reset Value
0
0
0
0
0
0
0
0
RRRR
RRRR
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
R[A]
Bank A Registers
Bank B Registers
Figure 33. Bank Registers (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn