Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33596 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
00h CONFIG1-A
91 h
0Dh CONFIG1-B
91 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
LOF1
LOF0
CF1
CF0
RESET
SL
LVDE
CLKE
Bit Name
LOF1
LOF0
CF1
CF0
SL
LVDE
CLKE
Reset
Value
1
0
0
1
0
0
0
1
Reset
Value
1
0
0
1
0
0
0
1
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R
R/W
R/WR/W
0 =
304–434
304–315
315–434
314
No
T/R
No
No
0 =
304–434
304–315
315–434
314
T/R
No
No
1 =
315–916
434–916
868
434–868
Yes
R/T
Yes
Yes
1 =
315–916
434–916
868
434–868
R/T
Yes
Yes
01h CONFIG2-A
10 h
0Eh CONFIG2-B
10 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
Bit Name
DSREF
FRM
MODU
DR1
DR0
TRXE
DME
SOE
Reset
Value
0
0
0
1
0
0
0
0
Reset
Value
0
0
0
1
0
0
0
0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR[A]
0 =
Fixed
Friendly
OOK
2.4–4.8
2.4–9.6
Standby
No
No
0 =
Fixed
Friendly
OOK
2.4–4.8
2.4–9.6
Standby
No
No
1 =
Adaptive
Direct
FSK
9.6–19.2
4.8–19.2
Enable
Yes
Yes
1 =
Adaptive
Direct
FSK
9.6–19.2
4.8–19.2
Enable
Yes
Yes
02h CONFIG3-A
30 h
0Fh CONFIG3-B
30 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
AFF1
AFF0
OLS
LVDS
ILA1
ILA0
Bit Name
AFF1
AFF0
OLS
LVDS
ILA1
ILA0
Reset
Value
0
0
1
1
0
0
0
0
Reset
Value
0
0
1
1
0
0
0
0
R/W
R/W
R
RR
R/W
R/W
R/W
R/W
R/W
R/W
R[A]
RR[A]
R/W
R/W
R/W
R/W
0 =
0.5–1
kHz
0.5–2
kHz
RAS
RAS
0–8 dB
0–14 dB
0–8 dB
0–14 dB
0 =
0.5–1
kHz
0.5–2
kHz
RAS
RAS
0–8 dB
0–14 dB
0–8 dB
0–14 dB
1 =
2–4 kHz
1–4 kHz
Unlocked Low V
14–24 dB 8–24 dB
14–24 dB 8–24 dB
1 =
2–4 kHz
1–4 kHz
Unlocked Low V
14–24 dB 8–24 dB
14–24 dB 8–24 dB
03h COMMAND-A
9 h
10h COMMAND-B
9 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
AFFC
IFLA
RSSIE
EDD
RAGC
FAGC
BANKS
Bit Name
AFFC
IFLA
RSSIE
EDD
RAGC
FAGC
BANKS
Reset
Value
0
0
0
0
1
0
0
1
Reset
Value
0
0
0
0
1
0
0
1
R/WR/W
R/WR/W
R/WR/W
R/WR
R/WR/W
R/WR/W
R/WR/W
R/WR[A]
0 =
AFFx
OFF
No
RX
No
Slow dec. No
No
B Bank
0 =
AFFx
OFF
No
RX
No
Slow dec. No
No
B Bank
1 =
AFFx ON –20 dB
TX
Yes
Fast dec. Yes
Yes
A Bank
1 =
AFFx ON –20 dB
TX
Yes
Fast dec. Yes
Yes
A Bank
04h F1-A
48 h
11h F1-B
4800 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
FSK3
FSK2
FSK1
FSK0
F11
F10
F9
F8
Bit Name
FSK3
FSK2
FSK1
FSK0
F11
F10
F9
F8
Reset
Value
0
1
0
0
1
0
0
0
Reset
Value
0
1
0
0
1
0
0
0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
05h F2-A
0 h
12h F2-B
0 h
Bit 7Bit 6
Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Bit Name
F7
F6
F5
F4
F3
F1
F1
F0
Bit Name
F7
F6
F5
F4
F3
F1
F1
F0
Reset
Value
0
0
0
0
0
0
0
0
Reset
Value
0
0
0
0
0
0
0
0
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Bank A Registers
Bank B Registers
Figure 33. Bank Registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn