Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Register Description
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
41
ID[5:0] (Identifier) sets the identifier. The ID is Manchester coded. Its LSB corresponds to the register’s
LSB, whatever the specified length.
Figure 31 defines the Header register, HEADER.
HDL[1:0] (Header Length) sets the length of the header, as shown on Table 19.
HD[5:0] (Header) sets the header. The header is Manchester coded. Its LSB corresponds to the register’s
LSB, whatever the specified length.
16.6 RSSI Register
Figure 32 describes the RSSI Result register, RSSI.
Bits RSSI[7:4] contain the result of the analog-to-digital conversion of the signal measured at the LNA
output.
Table 18. ID Length Selection
IDL1
IDL0
ID Length
00
2 bits
01
4 bits
10
5 bits
1
1
6 bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
HDL1
HDL0
HD5
HD4
HD3
HD2
HD1
HD0
$0B
Reset Value
1
0
0
0
0
0
0
0
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 31. HEADER Register
Table 19. Header Length Selection
HDL1
HDL0
HD Length
0
0
1 bits
0
1
2 bits
1
0
4 bits
1
1
6 bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
RSSI7
RSSI6
RSSI5
RSSI4
RSSI3
RSSI2
RSSI1
RSSI0
$0C
Reset Value
0
0
0
0
0
0
0
0
Access
RRRRRRRR
Figure 32. RSSI Register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn