Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MC33596_09 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596_09 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Register Description
Freescale Semiconductor
40
BANKA defines the register bank selected, as described in Section 15, “Configuration Switching.”
RON[3:0] (Receiver On) define the receiver on time (after crystal oscillator startup) as described in
Section 11.3, “Receiver On/Off Control.”
ROFF[2:0] (Receiver Off) define the receiver off time as described in Section 11.3, “Receiver On/Off
Control.”
16.5 ID and Header Registers
Figure 30 defines the ID register, ID.
IDL[1:0] (Identifier Length) sets the length of the identifier, as shown on Table 18.
Table 16. Receiver On Time Definition
RON[3:0]
Receiver On Time: N x 512 x Tdigclk
0000
Forbidden value
0001
1
0010
2
...
...
1111
15
Table 17. Receiver Off Time Definition
ROFF[2:0]
Receiver Off Time: N x TStrobe
000
1
001
2
010
4
011
8
100
12
101
16
110
32
111
63
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
IDL1
IDL0
ID5
ID4
ID3
ID2
ID1
ID0
$0A
Reset Value
1
1
0
0
0
0
0
0
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 30. ID Register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn