Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Register Description
Freescale Semiconductor
34
If strobe pin is 0 the state is OFF.
If strobe pin is released from 0 while state is OFF, the initial OFF period is completed.
The change of duration of one state (due to the STROBE pin level or a message being received) has no
influence on the timing of the following states (A, B, or OFF).
16
Register Description
This section discusses the internal registers, which are composed of two classes of bits.
Configuration and command bits allow the MC33596 to operate in a suitable configuration.
Status bits report the current state of the system.
All registers can be accessed by the SPI. These registers are described below.
At power-on, the POR resets all registers to a known value (in the shaded rows in the following tables).
This defines the MC33596’s default configuration.
16.1 Configuration Registers (Description Bank A only)
Figure 24 describes configuration register 1, CONFIG1.
RESET is a global reset. The bit is cleared internally, after use.
0 = no action
1 = reset all registers and counters
SL (Switch Level) selects the active level of the SWITCH output pin.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Addr
Bit Name
LOF1
LOF0
CF1
CF0
RESET
SL
LVDE
CLKE
$00
Reset Value
1
0
0
1
0
0
0
1
Access
R/WR/W
R/WR/W
R/WR/W
R/W
R/W
Figure 24. CONFIG1 Register
Table 8. LOF[1:0] and CF[1:0] Setting Versus Carrier Frequency
Carrier Frequency
LOF1
LOF0
CF1
CF0
304 MHz
0000
315 MHz
1000
426 MHz
0101
434 MHz
0101
868 MHz
0111
915 MHz
1111


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn