Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Configuration Switching
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
33
15.1.3.1 BANKA = X, BANKB = 0
If strobe pin is 1, configuration is defined by Bank A, BANKS = 1.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State A, current state remains State A up to end of message.
15.1.3.2 BANKA = 0, BANKB = 1
If strobe pin is 1, configuration is defined by Bank B, BANKS = 0.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State B, current state remains State B up to end of message.
15.1.3.3 BANKA = 1, BANK B = 1
BANKS toggles at the end of each state A or state B.
If strobe is forced to 1, configuration is frozen according to BANKS value.
If a read or write access is done using SPI, the next sequence will begin with state A in whatever was the
active state before SPI access by MCU.
For all available sequences:
State A and State B are defined by Bank A and Bank B.
State A duration, TonA is defined by Bank A RON[3–0].
State B duration, TonB is defined by Bank B RON[3–0].
OFF duration, TonB is defined by Bank A ROFF[2–0].
If strobe pin is 1, the state is ON and defined by BANKS at that time. It remains this state up to
the release of strobe and end of message if a message is being received.
If a message is being received during State A or B, current state remains State A or B up to end of
message.
State A
OFF
State A
OFF
State A
OFF
State B
OFF
State B
State B
Banks Bit
State A
State B
OFF
StateA
StateB
OFF
AB
OFF
A
A
A
BB
B
OFF
OFF
Strobe
Banks
1
Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn