Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC33596 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Configuration Switching
Freescale Semiconductor
32
15.1.2.2 BANKA = 0, BANKB = 1
If strobe pin is 1, configuration is defined by Bank B, BANKS = 0.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during State B, current state remains State B up to end of message.
15.1.2.3 BANKA = 1, BANK B = 1
If strobe pin is 1, configuration is defined by BANKS. BANKS is toggled at each falling edge of the strobe
pin.
If strobe pin is 0, MC33596 configuration is OFF.
If a message is received during state A or state B, current state remains the same up to end of message.
If a read or write access is done using SPI, the next sequence will begin with state A whatever was the
active state before SPI access by MCU.
15.1.3 Strobe Oscillator Switch Control
The conditions to enter strobe oscillator switch control are:
Strobe pin connected to an external capacitor to define timing (see Section 11.3, “Receiver
On/Off Control”)
Strobe pin can also be connected to the MCU I/O port
SOE bit = 1
By simply writing BANKA and BANKB, the active banks will be defined.
The MCU can override strobe oscillator control by controlling the strobe pin level. If MCU I/O port is in
high impedance, the strobe oscillator will control the OFF/ON state of the MC33596. The various
available sequences are described in the following subsections.
BANKA
BANKB
X
0
Bank A is active
0
1
Bank B is active
1
1
Bank A and Bank B are both active, configuration will toggle at each wakeup
OFF
Strobe Pin
State B
OFF
State B
Strobe Pin
Banks Bit
State A
OFF
State B
OFF
State A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn