Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Power-On Reset and MC33596 Startup
Freescale Semiconductor
28
Figure 21. Valid Sequence from Standby/LVD Mode to Configuration Mode
Figure 22 describes the sequence for enabling a correct transition from receive mode to configuration
mode.
1. MC33596 is in receive mode.
2. CONFB is forced to low level during one digital period Tdigclk in order to reset the state machine
only.
3. CONFB is set to high level during the time length of an ID.
Figure 22. Valid Sequence from Receive Mode to Configuration Mode
14
Power-On Reset and MC33596 Startup
The startup sequence can be divided into three stages as defined in Figure 23:
1. The power supply is applied to the MC33596 and an external pullup resistor on CONFB is required
to enter standby mode. SEB can be either set to low level if the SPI access is not shared with
another external MCU, or connected to an external pullup resistor (see Section 9, “MCU
Interface”).
During this stage and during the ramp-up of the power supply, signals from the MCU connected to
the MC33596 are undefined. That is why the MC33596 must start in standby mode.
NOTE
Along with the ramp-up of power supply, one of these two conditions must
be complied with:
— Power supply of the MC33596 must rise in 1 ms from 0 V to 3 V.
— The level on STROBE pin is lower than 0.75 V until the power supply reaches 3 V.
STROBE
CONFB
SEB
SPI Startup Time
SCLK
STROBE
CONFB
MOSI
SEB
12
3
SCLK
STROBE
CONFB
MOSI
SEB
12
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn