Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33596 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part No. MC33596
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  70 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC33596 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Figure 17. RSSI Operation in Continuous Mode
12
Standby: LVD Mode
The SPI is deselected. CONFB is set to high level and STROBE to low level in order to enter this mode.
Nothing is sent and all incoming data are ignored until CONFB and SEB go low to switch back to
configuration mode.
Standby/LVD mode allows minimum current consumption to be achieved. Depending upon the value of
the LVDE bit, the circuit is in standby mode (state 60) or LVD mode (state 5 and 20).
LVDE = 0: The receiver is in standby; consumption is reduced to leakage current (current state after POR).
LVDE = 1: The LVD function is enabled; consumption is in the range of tens of microamperes.
The only way to exit this mode is to go back to configuration mode by applying a low level to CONFB and
a high level to STROBE.
5 x tdigclk
Peak Detector
Test
Open
Frozen
Closed
Closed
Updated
Open
Frozen
Updated
Frozen
RSSIC
S1
S2
RSSI Register
RSSIOUT
CONFB
MOSI
MISO
CMD
CMD
RSSI
RSSI


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn