Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JRGB1316LS Datasheet(PDF) 14 Page - STANLEY ELECTRIC CO.,LTD.

Part No. JRGB1316LS
Description  PLCC-6 Type Tri-color
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

JRGB1316LS Datasheet(HTML) 14 Page - STANLEY ELECTRIC CO.,LTD.

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
Page 14
Reliability Testing Result
Failure Criteria
Reliability Testing
Result
Applicable
Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
Ta = 25℃,
IF = 20mA(Blue), IF = 35mA(Green), IF = 45mA(Red),
All Diodes Lighted.
1,000 h
0/25
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Pre-heating : 150~180℃ 120s Max.
Operation Heating : 230℃ 40s Max.
Peak Temperature : 260℃
Twice
0/25
Temperature Cycling
EIAJ ED-
4701/100(105)
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
5 cycles
0/25
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/25
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
Ta = Maximum Rated Storage Temperature
1,000 h
0/25
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
Ta = Minimum Rated Storage Temperature
1,000 h
0/25
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intensity
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value ≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value ≧ Spec. Max. Value x 2.5
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn