Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

JRGB1316LS Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part No. JRGB1316LS
Description  PLCC-6 Type Tri-color
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Homepage  http://www.stanley.co.jp/e/
Logo 

JRGB1316LS Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Technical Data(Green)
Page 8
2009.3.23
PLCC-6 Type Tri-color
JRGB1316LS
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 27mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn