Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-8008HFE Datasheet(PDF) 2 Page - Sanken electric

Part # SI-8008HFE
Description  DC-to-DC Step-Down Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8008HFE Datasheet(HTML) 2 Page - Sanken electric

  SI-8008HFE Datasheet HTML 1Page - Sanken electric SI-8008HFE Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
ICs
SI-8000HFE Series
■External Dimensions (TO220F-5)
■Block Diagram
4
3
GND
2
IN
SS
SW
ADJ
1
5
PReg.
Overcurrent
Protection
Reset
OSC
+
Comp.
Error Amp.
Latch &
Drive
Thermal
Protection
ON/OFF
Soft Start
SI-8008HFE
Reference
Voltage
Pin Assignment
q VIN
w SW
e GND
r ADJ (VOS for SI-8050HFE)
t SS
Plastic Mold Package Type
Flammability: UL94V-0
Product Mass: Approx. 2.3g
(Unit : mm)
4
3
GND
2
IN
SS
SW
Vos
1
5
PReg.
Reset
OSC
+
ON/OFF
Soft Start
+
+
SI-8050HFE
Overcurrent
Protection
Comp.
Error Amp.
Thermal
Protection
Reference
Voltage
Latch &
Drive
■Typical Connection Diagram
4
3
GND
C3
C1
C4
+
2
IN
VIN
ON/OFF
SW
ADJ
+
L
Di
C2
1
5
PReg.
+
+
VOUT
4
3
GND
C3
2
IN
VIN
ON/OFF
SW
ADJ
+
L
Di
C2
1
5
PReg.
+
+
+
VOUT
C1
C4
+
SI-8008HFE
SI-8050HFE
R1
R2
C1 : 1500µF
C2 : 1000µF
C3 :1µF (Only when using soft-start function)
C4 :4.7µF (RPER11H475K5 (Murata Manufacturing) recommended)
L1 :100µH
Di : FMB-G16L (Sanken)
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2


Similar Part No. - SI-8008HFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8008HFE SANKEN-SI-8008HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8008HFE SANKEN-SI-8008HFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

Similar Description - SI-8008HFE

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com