Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9S08LG16J0VLH Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # S9S08LG16J0VLH
Description  8-bit HCS08 Central Processor Unit (CPU)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08LG16J0VLH Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  S9S08LG16J0VLH Datasheet HTML 1Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 2Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 3Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 4Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 5Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 6Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 7Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 8Page - Freescale Semiconductor, Inc S9S08LG16J0VLH Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MC9S08LG32 Series Data Sheet, Rev. 7
Freescale Semiconductor
3
Figure 1. MC9S08LG32 Series Block Diagram
8-BIT KEYBOARD
INTERRUPT (KBI)
IIC MODULE (IIC)
SERIAL PERIPHERAL
INTERFACE (SPI)
USER FLASH B
USER RAM
ON-CHIP ICE (ICE) and
DEBUG MODULE (DBG)
(LG32 = 16K BYTES)
HCS08 CORE
CPU
BKGD
INT
BKP
2-CHANNEL TIMER/PWM
(TPM1)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
IRQ
LVD
LOW-POWER OSCILLATOR
INTERNAL CLOCK
Source (ICS)
SERIAL COMMUNICATIONS
6-CHANNEL TIMER/PWM
(TPM2)
VLL3
(LCD)
VLL1
VLL2
VCAP1
VCAP2
LCD[44:0]
VSS
VDD
VOLTAGE
REGULATOR
USER FLASH A
(LG16 = 2K BYTES)
LCD28/ADC5/TPMCLK/PTA7
LCD27/ADC4/TPM2CH1/KBI7/PTA6
LCD25/ADC2/RX2/KBI5/PTA4
INTERFACE (SCI1)
TxD1
RxD1
SS
SPSCK
SCL
SDA
MOSI
MISO
VSSA/VREFL
VDDA/VREFH
XTAL
EXTAL
IRQ
KBI[7:0]
RESET
LIQUID CRYSTAL
DISPLAY DRIVER
ANALOG-TO-DIGITAL
CONVERTER (ADC)
12-BIT
AD[15:0]
TPM2CH[5:0]
TPMCLK
TPMCLK
LCD24/ADC1/TX2/KBI4/PTA3
LCD23/ADC0/SDA/PTA2
LCD22/SCL/PTA1
LCD21/PTA0
(LG32 = 16K BYTES)
(LG16 = 16K BYTES)
LCD26/ADC3/TPM2CH0/KBI6/PTA5
BKGD/MS
TPM1CH[1:0]
COP
Real Time Counter
(RTC)
TMRCLK
SERIAL COMMUNICATIONS
INTERFACE (SCI2)
TxD2
RxD2
EXTAL/PTF7
XTAL/PTF6
TPM2CH4/KBI1/MISO/PTF4
TPM2CH5/KBI0/SS/PTF3
ADC14/IRQ/TPM1CH1/SPSCK/PTF2
ADC13/TPM1CH0/RX1/PTF1
ADC12/TPM2CH2/KBI3/TX1/PTF0
TPM2CH3/KBI2/MOSI/PTF5
SPSCK/SDA/TPM2CH1/PTI4
MOSI/TPM2CH2/PTI3
MISO/TPM2CH3/PTI2
TX2/TMRCLK/PTI1
RX2/PTI0
SS/SCL/TPM2CH0/PTI5
LCD[40:37]/PTB[7:4]
LCD[32:29]/PTB[3:0]
LCD[7:0]/PTD[7:0]
LCD[15:8]/PTE[7:0]
LCD[44:41]/PTG[7:4]
LCD[36:33]/PTG[3:0]
ADC11/TPM1CH0/KBI3/TX1/PTH5
ADC10/TPM1CH1/KBI2/RX1/PTH4
ADC[9:6]/KBI[7:4]/PTH[3:0]
TPM2CH4/KBI1/PTH7
ADC15/KBI0/TPM2CH5/PTH6
VSS2
V
LL3_2
Available only on 80-pin package
Available only on 64-pin and 80-pin package
*/Default function out of reset/*
BKGD/MS/PTC5
RESET/PTC6
Modulo Timer
(MTIM)
1984 BYTES
LCD[20:16]/PTC[4:0]


Similar Part No. - S9S08LG16J0VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
3Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   Microcontrollers
S9S08AW16 FREESCALE-S9S08AW16 Datasheet
1Mb / 324P
   MC9S08AW60 Features
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
3Mb / 344P
   8-Bit HCS08 Central Processor Unit (CPU)
S9S08AW16A FREESCALE-S9S08AW16A Datasheet
5Mb / 330P
   HCS08 Microcontrollers
More results

Similar Description - S9S08LG16J0VLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com