Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2527L Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2527L
Description  2.4 GHz Power Amplifier with Power Detector Preliminary Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2527L Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2527L Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2527L Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE2527L
2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g)
Access Points, PCMCIA, PC cards
Features
Single 3.3 V Supply Operation
o
21 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
24 dBm, ACPR < -32 dBc, 802.11b
Dual Supply Operation
o
23 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
25 dBm, ACPR < -32 dBc, 802.11b
32 dB Gain
Pin for pin compatible to the SE2525L
Integrated
temperature
compensated
power
detector
Integrated power amplifier enable pin (VEN)
Lead Free and RoHS compliant
Small package: 16 pin 4 mm x 4 mm x 0.9 mm
QFN
Ordering Information
Part Number
Package
Remark
SE2527L
16 Pin QFN
Samples
SE2527L-R
16 Pin QFN
Tape and Reel
SE2527L-AK1
Application Kit
Standard
Product Description
The SE2527L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications.
The
device
incorporates
a
power
detector for closed loop monitoring of the output
power.
The SE2527L also offers a high power mode by
operating at 5 V.
This provides an extra 2 dB of
improved EVM performance.
The SE2527L includes a digital enable control for
device on/off control.
The device is pin for pin compatible to SiGe’s
SE2524L, allowing both devices to share the same
application board with only a few component changes
required. This provides users with both a high and
low power solution without changing the layout.
The
SE2527L
temperature
compensated
power
detector is highly immune to mismatch at its output
with less than 1.5 dB of variation with a 2:1 mismatch.
Functional Block Diagram
V CC0
V DET OUT
OUT/V CC3
IN
V CC1
V CC2
Stage 2
Stage 1
Stage 3
Bias Generator
Detector
V EN
Figure 1: Functional Block Diagram
157-DST-01
Rev 1.3
May-26-2009
1 of 2
QA041206


Similar Part No. - SE2527L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2520 SIGE-SE2520 Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L SIGE-SE2520L Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK1 SIGE-SE2520L-EK1 Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-EK3 SIGE-SE2520L-EK3 Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
SE2520L-R SIGE-SE2520L-R Datasheet
345Kb / 8P
   RangeCharger 2.4GHz Power Amplifier IC Final
More results

Similar Description - SE2527L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
logo
SiGe Semiconductor, Inc...
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
   RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com