Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5643LF0VMM8 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # SPC5643LF0VMM8
Description  MPC5643L Microcontroller Data Sheet
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LF0VMM8 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPC5643LF0VMM8 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LF0VMM8 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
7
1.3
Feature details
1.3.1
High-performance e200z4d core
The e200z4d Power Architecture™ core provides the following features:
Two independent execution units, both supporting fixed-point and floating-point operations
Dual issue 32-bit Power Architecture™ (Book E) compliant
— Five-stage pipeline (IF, DEC, EX1, EX2, WB)
— In-order execution and instruction retirement
Full support for Power Architecture instruction set and Variable Length Encoding (VLE)
— Mix of classic 32-bit and 16-bit instruction allowed
— Optimization of code size possible
Thirty-two 64-bit general purpose registers (GPRs)
Harvard bus (32-bit address, 64-bit data)
— I-Bus interface capable of one outstanding transaction plus one piped with no wait-on-data return
— D-Bus interface capable of two transactions outstanding to fill AHB pipe
I-cache and I-cache controller
— 4 KB, 256-bit cache line (programmable for 2- or 4-way)
No data cache
16-entry MMU
8-entry branch table buffer
Branch look-ahead instruction buffer to accelerate branching
Dedicated branch address calculator
Three cycles worst case for missed branch
Load/store unit
— Fully pipelined
— Single-cycle load latency
— Big- and little-endian modes supported
— Misaligned access support
— Single stall cycle on load to use
Single-cycle throughput (two-cycle latency) integer 32 × 32 multiplication
4 – 14 cycles integer 32 × 32 division (average division on various benchmark of nine cycles)
Single precision floating-point unit
— 1 cycle throughput (2-cycle latency) floating-point 32 × 32 multiplication
— Target nine cycles (worst case acceptable is 12 cycles) throughput floating-point 32 × 32 division
— Special square root and min/max function implemented
Signal processing support: APU-SPE 1.1
— Support for vectorized mode: as many as two floating-point instructions per clock
Vectored interrupt support
Reservation instruction to support read-modify-write constructs
Extensive system development and tracing support via Nexus debug port


Similar Part No. - SPC5643LF0VMM8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5643LF2MLQ1 FREESCALE-SPC5643LF2MLQ1 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ1 NXP-SPC5643LF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LF2MLQ1R NXP-SPC5643LF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LF2MLQ8 FREESCALE-SPC5643LF2MLQ8 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LF2MLQ8 NXP-SPC5643LF2MLQ8 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LF0VMM8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
   MPC5674F Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com