Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1128 Datasheet(PDF) 12 Page - New Japan Radio

Part # NJW1128
Description  Voice Switched Speakerphone Circuit with Speaker Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1128 Datasheet(HTML) 12 Page - New Japan Radio

Back Button NJW1128 Datasheet HTML 5Page - New Japan Radio NJW1128 Datasheet HTML 6Page - New Japan Radio NJW1128 Datasheet HTML 7Page - New Japan Radio NJW1128 Datasheet HTML 8Page - New Japan Radio NJW1128 Datasheet HTML 9Page - New Japan Radio NJW1128 Datasheet HTML 10Page - New Japan Radio NJW1128 Datasheet HTML 11Page - New Japan Radio NJW1128 Datasheet HTML 12Page - New Japan Radio NJW1128 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
NJW1128
– 12 –
!
!
!
! TYPICAL CHARACTERISTICS
Line Amp Voltage Gain vs Frequency
Vin = 50mVrms , Rf = 51kΩ , Ri = 5.1kΩ , Ci = 1µF , Gv=26dB , RL=1.2kΩ
12
14
16
18
20
22
24
26
28
10
100
1000
10000
100000
Frequency [Hz]
V+ =3.9V to 5.5V
Ta = -40degC to +85degC
Speaker Amp Voltage Gain vs Frequency
Vin = 50mVrms , Rf = 51kΩ , Ri = 5.1kΩ , Ci = 1µF , Gv=26dB , RL=32Ω
12
14
16
18
20
22
24
26
28
10
100
1000
10000
100000
Frequency [Hz]
V+ =3.7V , 5,0V , 5.5V
Ta = -40 , +25 , +85 degC
Speaker Amp Voltage Gain vs Frequency
Vin = 500mVrms , Rf = 5.1kΩ , Ri = 5.1kΩ , Ci = 1µF , Gv=6dB , RL=8Ω
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
100000
Frequency [Hz]
V+ =3.9V to 5.5V
Ta = -40degC to +85degC
Supply Current vs CD Pin Voltage
V+ = 5.0V , SPSW = PD , RTSW = Open , no Signal
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
CD Pin Voltage [V]
+85 degC
+25 degC
-40 degC
Supply Current vs SPSW Pin Voltage
V+ = 5.0V , CD = Active , RTSW = Open , no Signal
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
00.5
1
1.522.5
SPSW Pin Voltage [Hz]
+85 degC
+25 degC
-40 degC


Similar Part No. - NJW1128

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1124 NJRC-NJW1124 Datasheet
482Kb / 29P
   Voice Switched Speakerphone circuit
NJW1124V NJRC-NJW1124V Datasheet
482Kb / 29P
   Voice Switched Speakerphone circuit
More results

Similar Description - NJW1128

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
Integral Corp.
IL34118 INTEGRAL-IL34118 Datasheet
632Kb / 12P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com