Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1112 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW1112
Description  8-IN 4-OUT STEREO AUDIO SELECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1112 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1112 Datasheet HTML 1Page - New Japan Radio NJW1112 Datasheet HTML 2Page - New Japan Radio NJW1112 Datasheet HTML 3Page - New Japan Radio NJW1112 Datasheet HTML 4Page - New Japan Radio NJW1112 Datasheet HTML 5Page - New Japan Radio NJW1112 Datasheet HTML 6Page - New Japan Radio NJW1112 Datasheet HTML 7Page - New Japan Radio NJW1112 Datasheet HTML 8Page - New Japan Radio NJW1112 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NJW1112
– 5 –
Ver.0.2
TERMINAL DESCRIPTION
PIN NO.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
DC
VOLTAGE
32
VDDOUT
Internal Digital Power Supply
Output
V-(sub)+5V
V-(sub)
V+
70k
25k
200
20k
V-(sub)


Similar Part No. - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1110V NJRC-NJW1110V Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1111V NJRC-NJW1111V Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
More results

Similar Description - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
   2-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
logo
Sanyo Semicon Device
LC89075W-H SANYO-LC89075W-H Datasheet
422Kb / 69P
   Digital Audio Interface Receiver with Stereo ADC and Audio Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com