Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5643LFF0MLQ8R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF0MLQ8R
Description  MPC5643L Microcontroller Data Sheet
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF0MLQ8R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SPC5643LFF0MLQ8R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF0MLQ8R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 98 page
background image
Overview
MPC5643L Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5643L series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5643L Microcontroller Reference Manual. For
use of the MPC5643Lin a fail-safe system according to safety standard IEC 61508, refer to the MPC5643LSafety Application
Guide.
The MPC5643L series microcontrollers are system-on-chip devices that are built on Power ArchitectureTM technology and:
Are 100% user-mode compatible with the classic Power Architecture instruction set
Contain enhancements that improve the architecture’s fit in embedded applications
Include additional instruction support for digital signal processing (DSP)
Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter,
Controller Area Network, and an enhanced modular input-output system
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the devices.
The MPC5643L family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It
belongs to an expanding range of automotive-focused products designed to address electrical hydraulic power steering (EHPS),
electric power steering (EPS) and airbag applications. The advanced and cost-efficient host processor core of the MPC5643L
automotive controller family complies with the Power Architecture embedded category, which is 100 percent user-mode
compatible with the original PowerPC user instruction set architecture (UISA). It operates at speeds as high as 120 MHz and
offers high performance processing optimized for low power consumption. It capitalizes on the available development
infrastructure of current Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users implementations.
1.1
Device comparison
Table 1. MPC5643L device summary
Feature
MPC5643L
CPU
Type
2 × e200z4
(in lock-step or decoupled operation)
Architecture
Harvard
Execution speed
0 – 120 MHz (+2% FM)
DMIPS intrinsic performance
> 240 MIPS
SIMD (DSP + FPU)
Yes
MMU
16 entry
Instruction set PPC
Yes
Instruction set VLE
Yes
Instruction cache
4 KB, EDC
MPU-16 regions
Yes, replicated module
Semaphore unit (SEMA4)
Yes
Buses
Core bus
AHB, 32-bit address, 64-bit data
Internal periphery bus
32-bit address, 32-bit data
Crossbar
Master × slave ports
Lock Step Mode: 4 × 3
Decoupled Parallel Mode: 6 × 3


Similar Part No. - SPC5643LFF0MLQ8R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LFF2MLL6 NXP-SPC5643LFF2MLL6 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LFF2MLQ1 FREESCALE-SPC5643LFF2MLQ1 Datasheet
739Kb / 136P
   Qorivva Microcontroller
logo
NXP Semiconductors
SPC5643LFF2MLQ1 NXP-SPC5643LFF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1R NXP-SPC5643LFF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
SPC5643LFF2MLQ8 FREESCALE-SPC5643LFF2MLQ8 Datasheet
739Kb / 136P
   Qorivva Microcontroller
More results

Similar Description - SPC5643LFF0MLQ8R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5643L NXP-MPC5643L Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
logo
Freescale Semiconductor...
MPC5674F FREESCALE-MPC5674F Datasheet
1Mb / 132P
   MPC5674F Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com