Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6645 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU6645
Description  16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6645 Datasheet(HTML) 2 Page - New Japan Radio

  NJU6645 Datasheet HTML 1Page - New Japan Radio NJU6645 Datasheet HTML 2Page - New Japan Radio NJU6645 Datasheet HTML 3Page - New Japan Radio NJU6645 Datasheet HTML 4Page - New Japan Radio NJU6645 Datasheet HTML 5Page - New Japan Radio NJU6645 Datasheet HTML 6Page - New Japan Radio NJU6645 Datasheet HTML 7Page - New Japan Radio NJU6645 Datasheet HTML 8Page - New Japan Radio NJU6645 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
- 2 -
Ver.2009-05-20
NJU6645
Preliminary
! PAD ALIGNMENT
Chip Size
: 14.16mm x 3.16mm (T.B.D.)
Chip Center
: X=0
µm, Y=0µm
Chip Thickness
: 625
µm±25µm
Pad Pitch
: 50
µm pitch
Bump Size
: 31
µm x 130µm
Bump Height
: 17.5
µm(Typ.)
Bump Material
: Au
X
Y
TOP VIEW
NJU6645
5:DUMMY4
4:TESTOUT
3:DUMMY3
2:DUMMY2
1:DUMMY1
260:DUMMY84
259:DUMMY83
258:DUMMY82
257:C5-
256:C5-
316:DUMMY91
317:DUMMY92
318:DUMMY93
319:SEG255
320:SEG254
573:SEG1
574:SEG0
575:DUMMY94
576:DUMMY95
577:DUMMY96
ALI_B1
ALI_B2
ALI_A1
ALI_A2


Similar Part No. - NJU6645

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6620 NJRC-NJU6620 Datasheet
1Mb / 41P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6620CH NJRC-NJU6620CH Datasheet
1Mb / 41P
   12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6623 NJRC-NJU6623 Datasheet
742Kb / 22P
   15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT?
NJU6623FG1 NJRC-NJU6623FG1 Datasheet
742Kb / 22P
   15-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with OUTPUT PORT?
NJU6624A NJRC-NJU6624A Datasheet
978Kb / 35P
   12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER with SMOOTH SCROLL FUNCTION
More results

Similar Description - NJU6645

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6108 BOWIN-LS6108 Datasheet
132Kb / 13P
   Japanese/Chinese Character LCD Watch with EL Driver
logo
New Japan Radio
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
NJU6637 NJRC-NJU6637 Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
   LCD DRIVER with CHARACTER GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com