Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2783V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2783V
Description  Monaural Microphone Amplifier with ALC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2783V Datasheet(HTML) 1 Page - New Japan Radio

  NJM2783V Datasheet HTML 1Page - New Japan Radio NJM2783V Datasheet HTML 2Page - New Japan Radio NJM2783V Datasheet HTML 3Page - New Japan Radio NJM2783V Datasheet HTML 4Page - New Japan Radio NJM2783V Datasheet HTML 5Page - New Japan Radio NJM2783V Datasheet HTML 6Page - New Japan Radio NJM2783V Datasheet HTML 7Page - New Japan Radio NJM2783V Datasheet HTML 8Page - New Japan Radio NJM2783V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NJM2783
– 1 –
Version 7.0E
Monaural Microphone Amplifier with ALC
"GENERAL DESCRIPTION
"PACKAGE OUTLINE
The NJM2783 is a monaural microphone amplifier with
auto level control function to avoid distortion due to clipping.
The voltage gain and the limit level are adjustable by
external resistors.
It is suitable for mini component audio system, home
audio system, karaoke and others.
" FEATURES
• Operating Voltage
+2.7 to +13.0V
• Monaural Microphone Amplifier
• Auto level control (ALC) function
(Adjustable the limit level
by external resistors
200mVrms to 2Vrms)
• Adjustable the voltage gain
by external resistors
+20 to +63dB (RSENSE=OPEN)
• Additional Gain Amplifier
0dB/+20dB switchable
• Built-in Buffer Amplifier
• Low Equivalent Input Noise
1
µVrms typ.
• Carefully designed to reject RF noise
• Bipolar Technology
• Package Outline
SSOP14
" BLOCK DIAGRAM
NJM2783V
100k
Detector
Bias
Microphone Amprifier
Buffer Amplifier
Additional Gain
0dB/+20dB
100k
V+
GND
VREF
SENSE
INT
GAIN SW
IN
GAIN1
BUFFIN
BUFFGAIN BUFFOUT
OUT
GAIN2
VCR
DET


Similar Part No. - NJM2783V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
NJM2781RB1 NJRC-NJM2781RB1 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
NJM2781V NJRC-NJM2781V Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
More results

Similar Description - NJM2783V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7907A NJRC-NJU7907A Datasheet
148Kb / 10P
   Monaural Microphone Amplifier
NJM2118 NJRC-NJM2118 Datasheet
122Kb / 4P
   MONAURAL MICROPHONE AMPLIFIER
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
logo
Samsung semiconductor
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
   EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
New Japan Radio
NJM2128 NJRC-NJM2128 Datasheet
143Kb / 4P
   PRE & POWER AMPLIFIER WITH ALC
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com