Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPL115A2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPL115A2
Description  Miniature I2C Digital Barometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPL115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPL115A2
Sensors
4
Freescale Semiconductor
Pressure
Coefficient Bit-Width Specs
The table below specifies the initial coefficient bit-width specs for the compensation algorithm.
* Factory reserves the option to make these values = 0.
Example Binary Format Definitions:
1.
Sign = 0, Integer Bits = 8, Fractional Bits = 4 :
Coeff = S I7 I6 I5 I4 I3 I2 I1 I0 . F3 F2 F1 F0
2.
Sign = 1, Integer Bits = 4, Fractional Bits = 7 :
Coeff = S I3 I2 I1 I0 . F6 F5 F4 F3 F2 F1 F0
3.
Sign = 0, Integer Bits = 0, Fractional Bits = 6, dec pt zero pad = 2 : Coeff = S 0 . 0 0 F5 F4 F3 F2 F1 F0
4.
Sign = 0, Integer Bits = 0, Fractional Bits = 5, dec pt zero pad = 3 : Coeff = S 0 . 0 0 0 F4 F3 F2 F1 F0
NOTE: Negative coefficients (Sign = 1) are coded in 2’s complement notation.
Coefficient Address Map
For coefficients with less than 16 bits, the lower lsbs are zero. For example, c11 is 11 bits and is stored into 2 bytes as follows:
c11 MS byte = c11[10:3] = [c11b10 , c11b9 , c11b8 , c11b7 , c11b6 , c11b5 , c11b4 , c11b3]
c11 LS byte = c11[2:0] & “00000” = [c11b2 , c11b1 , c11b0 , 0 , 0 , 0 , 0 , 0]
10-bit Output: Compensation Coefficient Specs
Total
Coeff.
Bits
a0
b1
b2
c12
c11*
c22*
Total Bits
16
16
16
14
11
11
84
Sign Bits
1
1
1
1
1
1
Integer Bits
12
2
1
0
0
0
Fractional Bits
4
13
14
13
11
10
dec pt zero pad
9
11
15
Address
Coefficient
$04
a0 MS Byte
$05
a0 LS Byte
$06
b1 MS Byte
$07
b1 LS Byte
$08
b2 MS Byte
$09
b2 LS Byte
$0A
c12 MS Byte
$0B
c12 LS Byte
$0C
c11 MS Byte
$0D
c11 LS Byte
$0E
c22 MS Byte
$0F
c22 LS Byte


Similar Part No. - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
216Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
   Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
logo
Freescale Semiconductor...
MPL115A2T1 FREESCALE-MPL115A2T1 Datasheet
216Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2T1 FREESCALE-MPL115A2T1 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
More results

Similar Description - MPL115A2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_10 Datasheet
216Kb / 8P
   Miniature I2C Digital Barometer
logo
NXP Semiconductors
MPL115A2 NXP-MPL115A2 Datasheet
2Mb / 24P
   Miniature I2C digital barometer, 50 to 115 kPa
Rev. 10-10 October 2017
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
MPL115A1 FREESCALE-MPL115A1_13 Datasheet
331Kb / 16P
   Miniature SPI Digital Barometer
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
   Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A1S NXP-MPL115A1S Datasheet
429Kb / 23P
   Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 1.2 - 8 May 2023
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
   BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com