Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5603BEMLL Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5603BEMLL
Description  MPC5604B/C Microcontroller Data Sheet
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5603BEMLL Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5603BEMLL Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5603BEMLL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5604BC
Rev. 4, 08/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5604B/C
TBD
MAPBGA–225
15 mm x 15 mm
QFN12
##_mm_x_##mm
SOT-343R
##_mm_x_##mm
PKG-TBD
## mm x ## mm
208 MAPBGA
(17 x 17 x 1.7 mm)
144 LQFP
(20 x 20 x 1.4 mm)
100 LQFP
(14 x 14 x 1.4 mm)
32-bit MCU family built on the Power Architecture™ for
automotive body electronics applications
Features:
Single issue, 32-bit CPU core complex (e200z0)
— Compliant with the Power Architecture™
embedded category
— Includes an instruction set enhancement
allowing variable length encoding (VLE) for
code size footprint reduction. With the optional
encoding of mixed 16-bit and 32-bit
instructions, it is possible to achieve significant
code size footprint reduction.
Up to 512 Kbytes on-chip flash supported with the
flash controller
Up to 48 Kbytes on-chip SRAM
Memory protection unit (MPU) with 8 region
descriptors and 32-byte region granularity
Interrupt controller (INTC) with 148 interrupt
vectors, including 16 external interrupt sources and
18 external interrupt/wakeup sources
Frequency modulated phase-locked loop (FMPLL)
Crossbar switch architecture for concurrent access to
peripherals, flash, or RAM from multiple bus
masters
Boot assist module (BAM) supports internal flash
programming via a serial link (CAN or SCI)
Timer supports input/output channels providing a
range of 16-bit input capture, output compare, and
pulse width modulation functions (eMIOS-lite)
10-bit analog-to-digital converter (ADC)
3 serial peripheral interface (DSPI) modules
Up to 4 serial communication interface (LINFlex)
modules
Up to 6 enhanced full CAN (FlexCAN) modules
with configurable buffers
1 inter IC communication interface (I2C) module
Up to 123 configurable general purpose pins
supporting input and output operations (package
dependent)
Real Time Counter (RTC) with clock source from
128 kHz or 16 MHz internal RC oscillator
supporting autonomous wakeup with 1 ms
resolution with max timeout of 2 seconds
Up to 6 periodic interrupt timers (PIT) with 32-bit
counter resolution
1 System Module Timer (STM)
Nexus development interface (NDI) per IEEE-ISTO
5001-2003 Class Two Plus standard
Device/board boundary Scan testing supported with
per Joint Test Action Group (JTAG) of IEEE (IEEE
1149.1)
On-chip voltage regulator (VREG) for regulation of
input supply for all internal levels
MPC5604B/C
Microcontroller Data Sheet


Similar Part No. - MPC5603BEMLL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5603B1CLH4R NXP-MPC5603B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLH6R NXP-MPC5603B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLL4R NXP-MPC5603B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - MPC5603BEMLL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
logo
Freescale Semiconductor...
SPC5604BF2MLL6 FREESCALE-SPC5604BF2MLL6 Datasheet
1,021Kb / 109P
   MPC5604B/C Microcontroller
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
   Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
   Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
   Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
   Microcontroller Data Sheet
Rev. 3, June 2012
logo
Freescale Semiconductor...
PPC5604EEMLH FREESCALE-PPC5604EEMLH Datasheet
994Kb / 75P
   MPC5604E Microcontroller Data Sheet
SPC5668EK0MMGR FREESCALE-SPC5668EK0MMGR Datasheet
575Kb / 66P
   MPC5668x Microcontroller Data Sheet
logo
NXP Semiconductors
MPC5674F NXP-MPC5674F Datasheet
2Mb / 132P
   MPC5674F Microcontroller Data Sheet
Rev. 11, 10/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com