Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8746V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LV8746V
Description  Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8746V Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LV8746V Datasheet HTML 1Page - Sanyo Semicon Device LV8746V Datasheet HTML 2Page - Sanyo Semicon Device LV8746V Datasheet HTML 3Page - Sanyo Semicon Device LV8746V Datasheet HTML 4Page - Sanyo Semicon Device LV8746V Datasheet HTML 5Page - Sanyo Semicon Device LV8746V Datasheet HTML 6Page - Sanyo Semicon Device LV8746V Datasheet HTML 7Page - Sanyo Semicon Device LV8746V Datasheet HTML 8Page - Sanyo Semicon Device LV8746V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LV8746V
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Charge pump
VG output voltage
VG
28
28.75
30
V
Rise time
tONG
VG = 0.1
μF
0.5
mS
Oscillator frequency
Fosc
Rchop = 20K
Ω
90
125
150
kHz
Output short-circuit protection
EMO pin saturation voltage
Vsatemo
Iemo = 1mA
80
160
mV
CEM pin charge current
Icem
Vcem = 0V
7
10
13
μA
CEM pin threshold voltage
Vthcem
0.8
1.0
1.2
V
Package Dimensions
unit : mm (typ)
3333
SANYO : SSOP44K(275mil)
15.0
(4.7)
0.22
0.2
0.65
(0.68)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
122
23
44
No.A1563-3/24


Similar Part No. - LV8746V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8746V ONSEMI-LV8746V Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
LV8746V-MPB-E ONSEMI-LV8746V-MPB-E Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
LV8746V-TLM-E ONSEMI-LV8746V-TLM-E Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
More results

Similar Description - LV8746V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8731V SANYO-LV8731V Datasheet
342Kb / 26P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8741V SANYO-LV8741V Datasheet
195Kb / 24P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver
LV8747T SANYO-LV8747T Datasheet
228Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
LV8743V SANYO-LV8743V Datasheet
268Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
logo
ON Semiconductor
LV8772 ONSEMI-LV8772 Datasheet
217Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
LV8773 ONSEMI-LV8773 Datasheet
162Kb / 14P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8711T SANYO-LV8711T_11 Datasheet
401Kb / 12P
   PWM Constant-Current Control Stepping Motor Driver
LV8732V SANYO-LV8732V_10 Datasheet
329Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
LV8772 SANYO-LV8772 Datasheet
252Kb / 17P
   PWM Constant-Current Control Stepping Motor Driver
logo
ON Semiconductor
LV8736V ONSEMI-LV8736V Datasheet
289Kb / 26P
   PWM Constant-Current Control Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com