Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AD-50 Datasheet(PDF) 5 Page - Weitron Technology

Part # WT1117AD-50
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AD-50 Datasheet(HTML) 5 Page - Weitron Technology

  WT1117AD-50 Datasheet HTML 1Page - Weitron Technology WT1117AD-50 Datasheet HTML 2Page - Weitron Technology WT1117AD-50 Datasheet HTML 3Page - Weitron Technology WT1117AD-50 Datasheet HTML 4Page - Weitron Technology WT1117AD-50 Datasheet HTML 5Page - Weitron Technology WT1117AD-50 Datasheet HTML 6Page - Weitron Technology WT1117AD-50 Datasheet HTML 7Page - Weitron Technology WT1117AD-50 Datasheet HTML 8Page - Weitron Technology WT1117AD-50 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
WEITRON
http://www.weitron.com.tw
WT1117A
5/11
Rev-A 18-Oct-06
ELECTRICAL CHARACTERISTICS
Typicals and limits appearing in normal type apply for Tj 25°C
Parameter
Symbol
Min
Typ
Max Unit
Condition
Reference Voltage
Output Voltage
WT1117A-Adj
VREF
I
=10mA, V = 5V
10mA I
1.0A, 2.65V V
7V
OUT
IN
OUT
IN
V =
0 I
1.0A
IN
OUT
V
+1.5V to 7 V
OUT
1.232
1.225
1.250
1.250
1.268
1.275
V
%
Line Regulation
Load Regulation
REGLINE
REGLOAD
%
%
1.15
2
1.3
7
Dropout Voltage
Current Limit
Minimum Load Current
WT1117A-Adj
VD
ICL
IO MIN
I
=1.0A
OUT
V -V
=1.5V
IN OUT
V =5V, Vadj=0V
IN
1.0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
V
A
mA
mA
Ground Current
IQ
7
13
35
0.005
0.003
72
90
Adjust Pin Current
Temp. Coefficient
Thermal Regulation
Ripple Rejection (Note 1)
ILoad=10mA, 2.65V V
7V
IN
V -V
=1.5V,
=10mA
IN OUT
ILoad
T
℃,
A
30ms pulse
=25
60
μA
%/W
dB
WT1117A-Adj
IADJ
TC
RA
V -V
=1.5V,
=1.0A
IN OUT
ILoad
% °
/ C
0.04
0.20
0.20
0.40
I
=10mA,
(1.5 V +V
)
Load
OUT
V
7V
OUT
V
V
+ 1.5V
I
=10mA to 1.0A
IN
OUT
Load
=
V
V
+ 1.5V
I
=10mA to 1.0A
IN
OUT
Load
=
I
=10mA, V =
+1.5V
OUT
IN V
OUT
%
All
All
All Fixed
Versions
All
All
Note 1 120Hz input ripple
μ
:
(
)
ADJ
C
for ADJ =25 F
-1.5
+
1.5
-
2
+
2
All
All
All


Similar Part No. - WT1117AD-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AD-50

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com