Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1333 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SCH1333
Description  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SCH1333 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SCH1333 Datasheet HTML 1Page - Sanyo Semicon Device SCH1333 Datasheet HTML 2Page - Sanyo Semicon Device SCH1333 Datasheet HTML 3Page - Sanyo Semicon Device SCH1333 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SCH1333
No. A1531-3/4
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT14881
IT14882
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
7
5
3
2
2
7
5
3
--0.1
--1.0
23
5 7
--0.01
23
5 7
23
5
Ta=
--25
°C
VDS= --10V
--0.01
2
VGS=0V
--0.1
--1.0
23
5
7
23
5
VDD= --10V
VGS= --4.5V
td(on)
td(off)
tf
IT14883
0
--2
--4
--6
1000
7
5
3
7
5
3
2
100
10
2
--8
--20
--10
--12
--14
--16
--18
Ciss
Coss
Crss
IT14884
10
2
3
7
5
2
3
7
5
f=1MHz
t r
0
--2
--4
--6
--10
--8
--9
--1
--3
--5
--7
200
100
400
300
500
600
700
0
50
150
100
200
300
250
0
IT14879
IT14880
ID= --0.1A
--1.0A
Ta=25
°C
--0.5A
75
°C
25
°C
3
--0.1
7
5
2
3
7
5
--1.0
2
3
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID
= --0.1A
VGS=
--4.5V
, ID= -
-1.0A
VGS
= --2.5V
, ID=
--0.5A
0
3.5
1.0
0.5
1.5
2.0
3.0
2.5
2
3
2
5
7
2
--0.1
3
5
7
2
--1.0
--0.01
23
5
3
2
7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
IT14886
IT14885
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
--4.5
100
μs
10ms
100ms
Operation in this area
is limited by RDS(on).
ID= --2A
DC
operation
(T
a=25
°C
)
IDP= --8A
VDS= --10V
ID= --2A
1ms
3
5
7
--10
PW
≤10μs
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm)


Similar Part No. - SCH1333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCH1333 ONSEMI-SCH1333 Datasheet
372Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
SCH1333-TL-H SANYO-SCH1333-TL-H Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SCH1333-TL-H ONSEMI-SCH1333-TL-H Datasheet
372Kb / 7P
   P-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
SCH1333 SANYO-SCH1333_12 Datasheet
481Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - SCH1333

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com