Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT1117AD-25 Datasheet(PDF) 1 Page - Weitron Technology

Part # WT1117AD-25
Description  1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT1117AD-25 Datasheet(HTML) 1 Page - Weitron Technology

  WT1117AD-25 Datasheet HTML 1Page - Weitron Technology WT1117AD-25 Datasheet HTML 2Page - Weitron Technology WT1117AD-25 Datasheet HTML 3Page - Weitron Technology WT1117AD-25 Datasheet HTML 4Page - Weitron Technology WT1117AD-25 Datasheet HTML 5Page - Weitron Technology WT1117AD-25 Datasheet HTML 6Page - Weitron Technology WT1117AD-25 Datasheet HTML 7Page - Weitron Technology WT1117AD-25 Datasheet HTML 8Page - Weitron Technology WT1117AD-25 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WT1117A
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
General Description:
Applications:
WEITRON
hpp://www.weitron.com.tw
WEITRON
1/11
Rev-A 18-Oct-06
Features:
Lead(Pb)-Free
P b
* High Efficiency Linear Regulators
* Post Regulators for Switching Supplies
* Microprocessor Supply
* Hard Drive Controllers
* Battery Chargers
* Adjustable Power Supply
* Adjustable or Fixed Output
* Output Current of 1.0A
* Dropout Voltage(Typical) 1.15V @1.0A
* Line Regulation 0.2% max.
* Load Regulation 0.4% max.
* Fast Transient Response
* Current Limit Protection
* Thermal Shutdown Protection
WT1117A of positive adjustable and fixed regulators is designed to provide 1.0A output with
low dropout voltage performance. On-chip trimming adjusts the reference voltage to 1.5%.
For usage on working in post regulators or microprocessor power supplies, low voltage
operation and fast transient response are required.
WT1117A is available in surface-mount SOT-223 and TO-252 packages.


Similar Part No. - WT1117AD-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11-E-AI ETC2-WT11-E-AI Datasheet
402Kb / 2P
   WRAP THOR WT11 Bluetooth 짰 Module
WT11I ETC2-WT11I Datasheet
413Kb / 14P
   EVALUATION KIT
WT11I ETC2-WT11I Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
WT11I SILABS-WT11I Datasheet
1Mb / 13P
   WT11i DEVELOPMENT KIT
Version 1.5
WT11I SILABS-WT11I Datasheet
1Mb / 46P
   WT11i Bluetooth® Module
Version 1.64
More results

Similar Description - WT1117AD-25

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
BCD Semiconductor Manuf...
AZ1117E BCDSEMI-AZ1117E Datasheet
781Kb / 13P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com