Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS64VS1UR Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PTVS64VS1UR
Description  400 W Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS64VS1UR Datasheet(HTML) 4 Page - NXP Semiconductors

  PTVS64VS1UR Datasheet HTML 1Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 2Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 3Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 4Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 5Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 6Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 7Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 8Page - NXP Semiconductors PTVS64VS1UR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PTVSXS1UR_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2009
4 of 10
NXP Semiconductors
PTVSxS1UR series
400 W Transient Voltage Suppressor
Table 8.
Characteristics per type; PTVS7V5S1UR to PTVS64VS1UR
Tj =25 °C unless otherwise specified.
Type number
Reverse standoff
voltage
VRWM (V)
Breakdown voltage
VBR (V)
Reverse leakage
current
IRM (µA)
Clamping voltage
VCL (V)
IR =1mA
at VRWM (V)
Max
Min
Typ
Max
Typ
Max
Max
IPPM (A)
PTVS7V5S1UR
7.5
8.33
8.77
9.21
0.2
50
12.9
31.0
PTVS8V0S1UR
8.0
8.89
9.36
9.83
0.03
25
13.6
29.4
PTVS8V5S1UR
8.5
9.44
9.92
10.40
0.01
10
14.4
27.8
PTVS9V0S1UR
9.0
10.00
10.55
11.10
0.005
5
15.4
26.0
PTVS10VS1UR
10
11.10
11.70
12.30
0.005
2.5
17.0
23.5
PTVS11VS1UR
11
12.20
12.85
13.50
0.005
2.5
18.2
22.0
PTVS12VS1UR
12
13.30
14.00
14.70
0.005
2.5
19.9
20.1
PTVS13VS1UR
13
14.40
15.15
15.90
0.001
0.1
21.5
18.6
PTVS14VS1UR
14
15.60
16.40
17.20
0.001
0.1
23.2
17.2
PTVS15VS1UR
15
16.70
17.60
18.50
0.001
0.1
24.4
16.4
PTVS16VS1UR
16
17.80
18.75
19.70
0.001
0.1
26.0
15.4
PTVS17VS1UR
17
18.90
19.90
20.90
0.001
0.1
27.6
14.5
PTVS18VS1UR
18
20.00
21.00
22.10
0.001
0.1
29.2
13.7
PTVS20VS1UR
20
22.20
23.35
24.50
0.001
0.1
32.4
12.3
PTVS22VS1UR
22
24.40
25.60
26.90
0.001
0.1
35.5
11.3
PTVS24VS1UR
24
26.70
28.10
29.50
0.001
0.1
38.9
10.3
PTVS26VS1UR
26
28.90
30.40
31.90
0.001
0.1
42.1
9.5
PTVS28VS1UR
28
31.10
32.80
34.40
0.001
0.1
45.4
8.8
PTVS30VS1UR
30
33.30
35.10
36.80
0.001
0.1
48.4
8.3
PTVS33VS1UR
33
36.70
38.70
40.60
0.001
0.1
53.3
7.5
PTVS36VS1UR
36
40.00
42.10
44.20
0.001
0.1
58.1
6.9
PTVS40VS1UR
40
44.40
46.80
49.10
0.001
0.1
64.5
6.2
PTVS43VS1UR
43
47.80
50.30
52.80
0.001
0.1
69.4
5.8
PTVS45VS1UR
45
50.00
52.65
55.30
0.001
0.1
72.7
5.5
PTVS48VS1UR
48
53.30
56.10
58.90
0.001
0.1
77.4
5.2
PTVS51VS1UR
51
56.70
59.70
62.70
0.001
0.1
82.4
4.9
PTVS54VS1UR
54
60.00
63.15
66.30
0.001
0.1
87.1
4.6
PTVS58VS1UR
58
64.40
67.80
71.20
0.001
0.1
93.6
4.3
PTVS60VS1UR
60
66.70
70.20
73.70
0.001
0.1
96.8
4.1
PTVS64VS1UR
64
71.10
74.85
78.60
0.001
0.1
103.0
3.9


Similar Part No. - PTVS64VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS64VS1UR NEXPERIA-PTVS64VS1UR Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVS64VS1UR-Q NEXPERIA-PTVS64VS1UR-Q Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
More results

Similar Description - PTVS64VS1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com