Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2752RB2 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2752RB2
Description  2-Input / 1-Output Stereo Audio Selector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2752RB2 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2752RB2 Datasheet HTML 1Page - New Japan Radio NJM2752RB2 Datasheet HTML 2Page - New Japan Radio NJM2752RB2 Datasheet HTML 3Page - New Japan Radio NJM2752RB2 Datasheet HTML 4Page - New Japan Radio NJM2752RB2 Datasheet HTML 5Page - New Japan Radio NJM2752RB2 Datasheet HTML 6Page - New Japan Radio NJM2752RB2 Datasheet HTML 7Page - New Japan Radio NJM2752RB2 Datasheet HTML 8Page - New Japan Radio NJM2752RB2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NJM2752
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
s
s
s
s ELECTRICAL CHARACTERISTICS ( Ta=25°C, V
+=9V)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
4.7
9.0
10
V
Supply Current
ICC
No Signal
-
10
15
mA
Reference Voltage
VREF
-
4.5
-
V
Voltage Gain
GV
Vin=1Vrms, f=1kHz
-1
0
1
dB
Total Harmonic Distortion
THD+N
Vin=1Vrms, f=1kHz
-
0.0009
0.03
%
Output Noise Voltage
VNO
A-Weighted
-
-
-114
(2)
-100
(10)
dBV
(µVrms)
Maximum Output Voltage
VOM
f=1kHz, THD=1%
6
(2.0)
8
(2.5)
-
dBV
(Vrms)
Cross Talk
CT
Vin=1Vrms, f=1kHz,
A-Weighted
70
100
-
dB
Channel Separation
CS
Vin=1Vrms, f=1kHz,
A-Weighted
80
110
-
dB
Switch-ON Voltage Level
VCH
2.4
-
-
V
Switch-OFF Voltage Level
VCL
-
-
0.5
V
Input Impedance
RIN
-
100
-
k
Output Impedance
ROUT
-
45
-
s
s
s
s SWITCH CONTROL LOGIC
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
12
V
Power Dissipation
PD
TVSP10
470
1)
640
2)
SSOP14
450
1)
570
2)
NOTE 1): EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 2layer, FR-4) mounting
2): EIA/JEDEC STANDARD Test board (76.2x114.3x1.6mm, 4layer, FR-4) mounting
mW
Operating Temperature Range
TOPR
-40 to +85
°C
Storage Temperature Range
TSTR
-40 to +150
°C
CNT1 INPUT SELECTOR Ach / Bch
L
1
H
2


Similar Part No. - NJM2752RB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2750M NJRC-NJM2750M Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2753V NJRC-NJM2753V Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
NJM2754 NJRC-NJM2754 Datasheet
204Kb / 9P
   4in-1out Audio Selector with Isolation amplifier
More results

Similar Description - NJM2752RB2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
   2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
   4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
   3-Input / 1-Output Stereo Audio Selector
logo
Unisonic Technologies
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
   4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
logo
New Japan Radio
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
   4-Input / 1-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
   9-Input 3-Output Stereo Audio Selector
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
logo
Texas Instruments
PCM3008 TI1-PCM3008_08 Datasheet
618Kb / 30P
[Old version datasheet]   ANALOG INPUT/OUTPUT STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com