Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1069 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button UJA1069_09 Datasheet HTML 28Page - NXP Semiconductors UJA1069_09 Datasheet HTML 29Page - NXP Semiconductors UJA1069_09 Datasheet HTML 30Page - NXP Semiconductors UJA1069_09 Datasheet HTML 31Page - NXP Semiconductors UJA1069_09 Datasheet HTML 32Page - NXP Semiconductors UJA1069_09 Datasheet HTML 33Page - NXP Semiconductors UJA1069_09 Datasheet HTML 34Page - NXP Semiconductors UJA1069_09 Datasheet HTML 35Page - NXP Semiconductors UJA1069_09 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
32 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12.8 System Configuration register and System Configuration Feedback register
These registers allow configuration of the behavior of the SBC, and allow the settings to
be read back.
Table 9.
Interrupt register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
01
read Interrupt register
13
RRS
Read Register Select
1
12
RO
Read Only
1
read the Interrupt register without writing to the Interrupt
Enable register
0
read the Interrupt register and write to the Interrupt Enable
register
11
WTI
Watchdog Time-out
Interrupt
1
a watchdog overflow during Standby mode has caused an
interrupt (interrupt-based cyclic wake-up feature)
0
no interrupt
10
OTI
OverTemperature
Interrupt
1
the temperature warning status (TWS) has changed
0
no interrupt
9
-
reserved
0
reserved for SBCs with CAN transceiver
8
SPIFI
SPI clock count Failure
Interrupt
1
wrong number of CLK cycles (more than, or less than 16)
during SPI access
0
no interrupt; SPI access is ignored if the number of CLK
cycles does not equal 16
7
BATFI
BAT Failure Interrupt
1
falling edge at pin SENSE has forced an interrupt
0
no interrupt
6
VFI
Voltage Failure Interrupt 1
V1D or V3D has been cleared
0
no interrupt
5
-
reserved
0
reserved for SBCs with CAN transceiver
4
LINFI
LIN Failure Interrupt
1
LIN failure status has changed
0
no interrupt
3
WI
Wake-up Interrupt
1
a negative edge at pin WAKE has been detected
0
no interrupt
2
WDRI
Watchdog Restart
Interrupt
1
A watchdog restart during watchdog OFF has caused an
interrupt
0
no interrupt
1
-
reserved
0
reserved for SBCs with CAN transceiver
0
LINI
LIN Wake-up Interrupt
1
LIN wake-up event has caused an interrupt
0
no interrupt
Table 10.
System Configuration and System Configuration Feedback register bit description
Bit
Symbol
Description
Value
Function
15 and 14
A1, A0
register address
10
select System Configuration register
13
RRS
Read Register Select
1
read the General Purpose Feedback register 0
0
read the System Configuration Feedback register


Similar Part No. - UJA1069_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1069TW PHILIPS-UJA1069TW Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069TW NXP-UJA1069TW Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1069TW24 PHILIPS-UJA1069TW24 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069TW24 NXP-UJA1069TW24 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
More results

Similar Description - UJA1069_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
   High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
   Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
FS8600-SDS NXP-FS8600-SDS Datasheet
527Kb / 15P
   Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1.1-23 November 2021
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
   Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com