Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2025 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UBA2025
Description  CFL power IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2025 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UBA2025 Datasheet HTML 6Page - NXP Semiconductors UBA2025 Datasheet HTML 7Page - NXP Semiconductors UBA2025 Datasheet HTML 8Page - NXP Semiconductors UBA2025 Datasheet HTML 9Page - NXP Semiconductors UBA2025 Datasheet HTML 10Page - NXP Semiconductors UBA2025 Datasheet HTML 11Page - NXP Semiconductors UBA2025 Datasheet HTML 12Page - NXP Semiconductors UBA2025 Datasheet HTML 13Page - NXP Semiconductors UBA2025 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
UBA2025_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 October 2009
10 of 17
NXP Semiconductors
UBA2025
CFL power IC
[1]
The start-up supply current is specified in a temperature (Tvj) range of 0 °C to 125 °C. For Tvj <0 °C and Tvj > 125 °C
the start-up supply current is < 350
µA.
[2]
The clamp margin is defined as the voltage difference between turn-on of the clamp and start of oscillation. The clamp is in the off-state
at start of oscillation.
[3]
Data sampling of Vth(capm) is performed at the end of conduction of T2.
[4]
Data sampling of Vth(capm) is performed at the start of conduction of T2.
[5]
Within the allowed range of RIREF, defined as 30 kΩ +10%.
[6]
The input current at pin RHV may increase to 1.6 mA during voltage transient on pin VDC. Only for pin RHV currents beyond
approximately 550 mA the oscillator frequency is proportional to the pin RHV current.
[7]
The symmetry is best calculated using fff(ratio) where fff(ratio) = T1 total time divided by the T2 total time with the T1 total time the time
between turn-off of G2 and turn-off of G1, and the T2 total time the time between turn-off of G1 and turn-off of G2.
Ron(150)/Ron(25) on-state resistance ratio
(150
°C to 25 °C)
-
2.7
-
VFd(bs)
bootstrap diode forward
voltage
IFS = 5 mA
0.6
1.0
1.4
V
feed forward
Ri(RHV)
input resistance on pin
RHV
1.54
2.2
2.86
k
Ii(RHV)
input current on pin RHV
during normal operation
[6] 01
mA
fff
feed forward frequency
pin RHV current = 0.75 mA
60.4
63.6
66.15
kHz
pin RHV current = 1 mA
80.3
84.5
88.2
kHz
fff(ratio)
feed forward frequency
ratio
pin RHV current = 1 mA
[7] 0.9
1.0
1.1
Rs
series resistance
CPAV switch; pin CPAV current = 100
µA
0.75
1.5
2.25
k
RCPAV
resistance on pin CPAV
used with CCPAV for averaging;
CPAV pin current = 10
µA
22.4
32
41.6
k
Table 6.
Characteristics …continued
Tamb =25 °C; voltage on pin VS = 11 V; VFS − S1A and S1B voltage= 11 V, GLI and GLO voltage measured with respect to
PGND; currents are positive when flowing into the IC; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - UBA2025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 PHILIPS-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021P PHILIPS-UBA2021P Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021P NXP-UBA2021P Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results

Similar Description - UBA2025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
   Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
   Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
   Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
   Half-bridge power IC for CFL lamps
logo
NXP Semiconductors
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
   Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
   Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2211_1108 PHILIPS-UBA2211_1108 Datasheet
191Kb / 20P
   Half-bridge power IC family for CFL lamps
Rev. 3-26 August 2011
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
   630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
   630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com