Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS7V5S1UR Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PTVS7V5S1UR
Description  400 W Transient Voltage Suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS7V5S1UR Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PTVS7V5S1UR Datasheet HTML 2Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 3Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 4Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 5Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 6Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 7Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 8Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 9Page - NXP Semiconductors PTVS7V5S1UR Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PTVSXS1UR_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 10 September 2009
6 of 10
NXP Semiconductors
PTVSxS1UR series
400 W Transient Voltage Suppressor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard
Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 4.
V-I characteristics for a unidirectional TVS protection diode
006aab324
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+
−IPPM
Fig 5.
Package outline SOD123W
08-11-06
Dimensions in mm
2.8
2.4
3.7
3.3
1.05
0.75
1.9
1.5
1
2
0.6
0.3
0.22
0.10
1.1
0.9


Similar Part No. - PTVS7V5S1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS7V5S1UR NEXPERIA-PTVS7V5S1UR Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVS7V5S1UR-Q NEXPERIA-PTVS7V5S1UR-Q Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
More results

Similar Description - PTVS7V5S1UR

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVSXS1UR-Q_SER NEXPERIA-PTVSXS1UR-Q_SER Datasheet
220Kb / 11P
   400 W Transient Voltage Suppressor
1 June 2022
PTVSXS1UR_SER NEXPERIA-PTVSXS1UR_SER Datasheet
680Kb / 12P
   400 W Transient Voltage Suppressor
Rev. 3 - 10 January 2011
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW04 TSC-BZW04 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
BZW04 TSC-BZW04_13 Datasheet
262Kb / 6P
   400 Watts Transient Voltage Suppressor
P4KE TSC-P4KE_11 Datasheet
89Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
Nexperia B.V. All right...
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
   300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
logo
Shenzhen Luguang Electr...
P4KE6.8 LUGUANG-P4KE6.8 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com