Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
5 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
7.2 Pin description
8.
Functional description
8.1 General
The TDA8922C is a two-channel audio power amplifier that uses Class D technology.
For each channel, the audio input signal is converted into a digital Pulse Width Modulation
(PWM) signal using an analog input stage and a PWM modulator; see Figure 1. To drive
the output power transistors, the digital PWM signal is fed to a control and handshake
block and to high- and low-side driver circuits. This level-shifts the low-power digital PWM
signal from a logic level to a high-power PWM signal switching between the main supply
lines.
A second order low-pass filter converts the PWM signal to an analog audio signal that can
be used to drive a loudspeaker.
Table 3.
Pin description
Symbol
Pin
Description
TDA8922CTH
TDA8922CJ
VSSA
1
18
negative analog supply voltage
SGND
2
19
signal ground
VDDA
3
20
positive analog supply voltage
IN2M
4
21
channel 2 negative audio input
IN2P
5
22
channel 2 positive audio input
MODE
6
23
mode selection input: Standby, Mute or Operating
mode
OSC
7
1
oscillator frequency adjustment or tracking input
IN1P
8
2
channel 1 positive audio input
IN1M
9
3
channel 1 negative audio input
n.c.
10
4
not connected
n.c.
11
5
not connected
n.c.
12
6
not connected
PROT
13
7
decoupling capacitor for protection (OCP)
VDDP1
14
8
channel 1 positive power supply voltage
BOOT1
15
9
channel 1 bootstrap capacitor
OUT1
16
10
channel 1 PWM output
VSSP1
17
11
channel 1 negative power supply voltage
STABI
18
12
decoupling of internal stabilizer for logic supply
n.c.
19
-
not connected
VSSP2
20
13
channel 2 negative power supply voltage
OUT2
21
14
channel 2 PWM output
BOOT2
22
15
channel 2 bootstrap capacitor
VDDP2
23
16
channel 2 positive power supply voltage
VSSD
24
17
negative digital supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn