Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 33 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 33 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
33 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
14. Package outline
Fig 30. Package outline SOT411-1 (DBS23P)
UNIT A2
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.6
4.3
A4
1.15
0.85
A5
1.65
1.35
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT411-1
98-02-20
02-04-24
0
5
10 mm
scale
D
L
L1
L2
E2
E
c
A4
A5
A2
m
L3
E1
Q
w M
b p
1
d
Z
e
2
e
e
123
j
DBS23P: plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm)
SOT411-1
v M
D
x
h
Eh
non-concave
view B: mounting base side
B
β
e 1
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
0.75
0.60
0.55
0.35
30.4
29.9
28.0
27.5
12
2.54
12.2
11.8
10.15
9.85
1.27
e 2
5.08
2.4
1.6
Eh
6
E 1
14
13
L 1
10.7
9.9
L 2
6.2
5.8
E 2
1.43
0.78
2.1
1.8
1.85
1.65
4.3
3.6
2.8
Q
j
0.25
w
0.6
v
0.03
x
45
°
β


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn