Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 30 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 30 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
30 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
Ripple on VSS, short on input pins.
VDD =30V, VSS = −30 V, Vripple = 2 V (p-p), 2 × 8 Ω SE configuration.
(1) Mute mode.
(2) Operating mode.
(3) Standby mode.
Fig 25. SVRR as a function of ripple frequency, ripple on VSS
Ripple on VDD, short on input pins.
VDD =25V, VSS = −25 V, Vripple = 2 V (p-p), 1 × 8 Ω BTL configuration.
(1) Operating mode.
(2) Mute mode.
(3) Standby mode.
Fig 26. SVRR as a function of ripple frequency, ripple on VDD
010aaa579
fi (Hz)
10
105
104
102
103
−100
−60
−20
SVRR
(dB)
−140
(1)
(2)
(3)
010aaa586
fi (Hz)
10
105
104
102
103
−80
−40
0
SVRR
(dB)
−120
(1)
(2)
(3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn