Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 24 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 24 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
24 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
VDD =25V, VSS = −25 V, fosc = 350 kHz (external oscillator), 1 × 8 Ω BTL configuration.
(1) fi = 6 kHz.
(2) fi = 1 kHz.
(3) fi = 100 Hz.
Fig 13. THD + N as a function of output power, BTL configuration with 1
× 8 Ω load
VDD =30V, VSS = −30 V, fosc = 350 kHz (external oscillator), 2 × 6 Ω SE configuration.
(1) Po = 1 W.
(2) Po = 10 W.
Fig 14. THD + N as a function of frequency, SE configuration with 2
× 6 Ω load
(3)
010aaa567
10−1
10−2
1
10
THD+N
(%)
10−3
Po (W)
10−2
103
102
10−1
1
(1)
(2)
10
(1)
(2)
010aaa568
10−1
10−2
1
10
THD+N
(%)
10−3
fi (Hz)
10
105
104
102
103


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn