Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 22 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 22 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
(1) The value of CPROT can be in the range 10 pF to 220 pF (see Section 8.3.2)
Fig 10. Typical application diagram
010aaa548
CIN
IN1P
IN1
+
+
IN2
IN1M
SGND
2
3
19
22
21
20
18
470 nF
470 nF
CIN
CIN
IN2P
IN2M
470 nF
470 nF
CIN
220 nF
VDDA
VSSA
17
7
VSSP
13
14
15
VSSP
OUT2
BOOT2
16
VDDP
CVDDA
220 nF
CVSSA
100 nF
CVDDP
15 nF
CBO
100 nF
CVSSP
100 nF
CVP
VSSP
VSSP
VSSP
VDDP
VDDP
VDDP
+
+
11
8
23
mode
control
1
6
4
n.c.
5
n.c. n.c.
100 nF
CVDDP
100 nF
CVSSP
100 nF
CVP
CPROT(1)
VSSA
12
CSTAB
470 nF
ROSC
30 k
10
9
OUT1
BOOT1
15 nF
CBO
LLC
VSSA
RVDDA
10
RVSSA
10
CVP
22
µF
CVDDP
470
µF
CVSSP
470
µF
GND
VDDP
VSSP
VDDA
VDDP
VSSP
VSSA
RSN
10
RSN
10
CSN
220 pF
CSN
220 pF
CSN
220 pF
CLC
CLC
CSN
220 pF
RZO
22
CZO
100 nF
RZO
22
CZO
100 nF
TDA8922CJ
LLC
SGND
mode control
mute/
operating
10
µF
5.6 k
+5 V
470
standby/
operating
5.6 k
T2
HFE > 80
T1
HFE > 80
470 k
+5 V
470 k
10 k
10 k
LOAD
LLC
CLC
6
Ω to 8 Ω
33
µH
330 nF
4
Ω to 8 Ω
22
µH
470 nF
SINGLE-ENDED
OUTPUT FILTER VALUES


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn