Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA8922C Datasheet(PDF) 18 Page - NXP Semiconductors

Part No. TDA8922C
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA8922C Datasheet(HTML) 18 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
18 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
13.3.2 Bridge-Tied Load (BTL)
Maximum output power:
(3)
Maximum output current internally limited to 6 A:
(4)
Where:
Po(0.5 %): output power at the onset of clipping
RL: load impedance
RDSon(hs): high-side RDSon of power stage output DMOS (temperature dependent)
RDSon(ls): low-side RDSon of power stage output DMOS (temperature dependent)
Rs(L): series impedance of the filter coil
VP: single-sided supply voltage or 0.5 × (VDD + |VSS|)
tw(min): minimum pulse width (typical 100 ns, temperature dependent)
fosc: oscillator frequency
Remark: Note that Io(peak) should be less than 6 A; see Section 8.3.2.Io(peak) is the sum of
the current through the load and the ripple current. The value of the ripple current is
dependent on the coil inductance and the voltage drop across the coil.
13.4 External clock
To ensure duty cycle-independent operation, the external clock frequency is divided by
two internally. The external clock frequency is therefore twice the internal clock frequency
(typically 2
× 350 kHz = 700 kHz).
If several Class D amplifiers are used in a single application, it is recommended that all
the devices run at the same switching frequency. This can be achieved by connecting the
OSC pins together and feeding them from an external oscillator. When using an external
oscillator, it is necessary to force pin OSC to a DC level above SGND. This disables the
internal oscillator and causes the PWM to switch at half the external clock frequency.
The internal oscillator requires an external resistor ROSC, connected between pin OSC
and pin VSSA. ROSC must be removed when using an external oscillator.
The noise generated by the internal oscillator is supply voltage dependent. An external
low-noise oscillator is recommended for low-noise applications running at high supply
voltages.
13.5 Heatsink requirements
An external heatsink must be connected to the TDA8922C.
P
o 0.5%
()
R
L
R
L
R
DSon hs
()
R
DSon ls
()
++
-------------------------------------------------------------------
V
DD
V
SS
()
1t
w min
()
0.5 f
osc
×
()
×
×
2
2R
L
---------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
I
opeak
()
V
DD
V
SS
()
1t
w min
()
0.5 f
osc
×
()
×
R
L
R
DSon hs
()
R
DSon ls
()
+
() 2R
sL
()
++
-----------------------------------------------------------------------------------------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn